Part Number Hot Search : 
SF4C0 DM9003EP 750MA QT6024 2SK21 100LX S8035 5602M
Product Description
Full Text Search
 

To Download NE212012AXA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preset counters electronic
2 presets, totalizer and batch counter Display LED, 8-digits, programmable
NE212
Features - Preset counter with two presets - Display batch counter, main counter: 6-digits - Display totalizer: 8-digits - Batch counter, totalizer, hour counter - Operating mode, start count, scaling factor programmable - Connection: Incremental encoder or digital sensors - Preset mode programmable - Interface RS232, RS422 or RS485
NE212 - LED Preset counter Technical data - electrical ratings Voltage supply 22...50 VAC (50/60 Hz) 85...265 VAC (50/60 Hz) 24 VDC 10 % 15 VA, 8 W 24 VDC 20 % / max. 200 mA LED, 7-segment display 8-digits - totalizer 6-digits - main counter, batch counter, tachometer, hour counter 7.6 mm Preset counter Main counter with 2 presets Batch counter with 1 preset Totalizer Hour counter 0.0001...9999.99 1...99 Adding or subtracting A-B (difference counting) A+B total (parallel counting) Up/Down A 90 B phase evaluation 15 Hz, 25 Hz, 10 kHz programmable Step preset, Main preset, Parallel alignment, Trailing preset >10 years in EEPROM Button, electric or automatic NPN / PNP transistor switch Potential-free change-over contact for main counter Normally open/closed potentialfree for B1 0.01...99.99 s 1 www.baumerivo.com Technical data - electrical ratings Interfaces Standard DIN EN 61010-1 Emitted interference Interference immunity Programmable parameters RS232, RS422, RS485 Protection class II Overvoltage category II Pollution degree 2 DIN EN 61000-6-4 DIN EN 61000-6-2 Operating modes Sensor logic Scaling factor Count mode Control inputs UL/cUL, CE conform
Power consumption Sensor supply Display Number of digits
Digit height Function
Approvals
Technical data - mechanical design Storing temperature Relative humidity E-connection Core cross-section Protection DIN EN 60529 Operation / keypad Housing type Dimensions W x H x L Installation depth Mounting Cutout dimensions Materials Weight approx. -20...+70 C 80 % non-condensing Plug-in screw terminals 1.5 mm IP 65 face with seal 10 figure keypad with 5 function keys Built-in housing 72 x 72 x 108 mm 108 mm Clip frame 68 x 68 mm (+0.7) Housing: Makrolon 6485 (PC) Keypad: Polyester 320 g
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Operating temperature
0...+50 C
Scaling factor Multitplier / batch counter Count modes
Counting frequency Operating modes
Data memory Reset Outputs electronic Outputs relay
Output holding time
Preset counters electronic
2 presets, totalizer and batch counter Display LED, 8-digits, programmable
NE212
Connection diagram Relay outputs
26 25 24 23 22 21 20 19 18 17 16 15 14 13 12
Block circuit diagram
Voltage supply + Signal input A B Count XP-reset Reset Stop/Hold 2 3 Totalizer 12 13 14 15 A 90 B Output Main counter with 2 presets start count scaling factor 4 5 6 7 8 XB-signalinput XB-reset Coding for input logic NPN Br. 18-20 PNP Br. 18-19 T,R16 17 Operating time meter Batch counter as preselection counter with 1 preset multiplier tachometer or batch counter 9 P2 P2 19 20 Sensor supply +
RxD+
TxD+
RxD-
XP-stop/ h-counter
TxD-
T,R+
T,R-
+24V 0V NPN Br. 18-20 PNP Br. 18-19 XB-counter
B
A
RS232
max. 265 V
Sensor supply
terminal - terminal /
XB-reset
RS422 GND RxD TxD
RS485
- terminal
11
10
9
8
7
6
5
4
3
2
1 Supply voltage
10 11
B1
18 21
B1
P2
P1
T,R+ 22 TxD+ 23
Interface RS485
Electronic outputs
26 25 24 23 22 21 20 19 18 17 16 15 14 13 12
TxD- 24 RxD+ 25 RxD- 26 TxD 23 25
Interface RS422
RxD+
TxD+
RxD-
XP-stop/ h-counter
TxD-
T,R+
T,R-
+24V 0V NPN Br. 18-20 PNP Br. 18-19 XB-counter
B
A
RxD
Interface RS232
GND 26 Count XP-reset
Sensor supply
XB-reset
RS422 GND RxD TxD
RS485
Trigger level Optocoupler inputs Control inputs
Supply voltage
RS232 max. 265 V 11 10 9 8 terminal - terminal / 7 6 5 4 3 - terminal 2 1
Input circuit PNP- / NPN-logic 9...16 mA <0.5 mA 1.65 k 5...8 mA <0.5 mA 3.3 k Output circuit 250 VAC / 110 VDC 1A 150 VA / 30 W 5 ms
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Count input Trigger current Switch-off current Input resistance Reset input Trigger current Switch-off current Input resistance Relay outputs Switching voltage max. Switching current max. Switching capacity max. Relay responding time
B1
P2 Output
P1
Electronical outputs Output circuit PNP-switching transistor Open collector Switching voltage Switching current max. 24 VDC 20 % 10 mA (AC) 50 mA (DC) 35 V 50 mA
NPN-switching transistor Open collector Switching voltage max. Switching current max.
2
www.baumerivo.com
Preset counters electronic
2 presets, totalizer and batch counter Display LED, 8-digits, programmable
NE212
Part number NE212. AXA2 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 24 VDC 1 2 3 4 0 1 2 3 Dimensions
108 72 105
Outputs Relay outputs, B1 normally closed Relay outputs, B1 normally open Electronic outputs PNP Electronic outputs NPN
Interface Without interface RS485 RS422 RS232
72
67.7
18.5
1-6 7
3
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Preset counters electronic
2 presets, totalizer and batch counter Display LED, 8-digits, programmable
NE212
4
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of NE212012AXA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X